(2,00 mm) .0787" esqt (-368), pthf series esqt?130?03?m?q?368 tiger buy tm contact stack through and non-stack through tail lengths four row press fit or solder tails (2,00 mm) .0787" pitch pthf?130?02?gf?q?368 www.samtec.com f-213 (0,50) .020 (9,35) .368 (8,00) .315 01 04 (2,00) .0787 (9,35) .368 (2,00) .0787 (2,59) .102 (60,30) 2.374 a b a b (6,35) .250 (1,52) .060 plat ing option no. pins per row 1 lead style specify lead style from chart 30 for complete speci cations and recommended pcb layouts see www.samtec.com?esqt or www.samtec.com?pthf insulator material: black liquid crystal polymer (esqt) black high temp nylon (pthf) contact material: phosphor bronze plating: au or sn over 50? (1,27 ?) ni current rating: 2a per contact @ 80? ambient operating temp range: -55? to +125? contact resistance: 10 m insertion depth: (2,62 mm) .103" to (5,03 mm) .198" insertion force: (single contact only) 4 oz (1,11 n) average normal force: 60 grams (0,59 n) average withdrawal force: (single contact only) 3 oz (0,83 n) average max cycles: 100 with 10? (0,25 ?) au rohs compliant: ye s lead?free solderable: ye s mates with: esqt, pthf q note: some lengths, styles and options are non-standard, non-returnable. esqt (-368) series 368 type strip esqt = solder tails pthf = press fit tails pthf series ?gf = 15" (0,38 m) gold on contact, gold ? ash on tail (?02 lead style only) ?m = 20" (0,51 m) gold on contact, matte tin on tail (?03 lead style only) also available paste in hole (pih) processing. contact samtec asp group. (not recommended for stack through applications) esqt only. applications esqt-130-02-gf-q-368 or pthf-130-02-gf-q-368 (9,35) .368 (15,24) .600 board locks optional tail shroud esqt-130-03-m-q-368 or pthf-130-03-m-q-368 ats-30-q (21,59) .850 (11,63) .458 lead style ? 02 ?03 (12,24) .482 (2,29) .090 ab esqt (21,59) .850 (12,34) .486 (12,24) .482 (3,00) .118 ab pthf specifications also available press t tooling available. contact samtec. pc/104-plus ? self-nesting sockets note: other gold plating options available. contact samtec.
|